Part Number Hot Search : 
74AC257 N5230A TIHLP N4745 F0515XD 74AUP2G C4928 M1001
Product Description
Full Text Search
 

To Download 251406B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SAW Bandpass Filter 251406B
1. Features
IF Bandpass Filter High Attenuation Single-Ended Operation DIP Package Maximum Storage Temperature Range : -40 ~ 85 Electrostatics Sensitive Device (ESD)
2. Package Dimension
12.80.5 5.5max 6.0max 7.60.2 2.50.2
ITF 08A001 251406B 120-14.2M
35.10.5
Package : D3512
0.450.05
2.50.2
Pin Configuration 1 Input Output Ground Case ground
Dimensions shown are nominal in millimeters Base : Fe(SPCC), Au plating over Ni plated Cap : Cu & Cr Alloy, Ni Plated Termination : Kovar, Au Plated
5 2, 4 3, 6
I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809
Part No. Rev. Date Rev.
251406B 2008-01-04 NM7062-CS01 1/5
25.40.2
SAW Bandpass Filter 251406B
3. Specifications
Fo = 120.0 MHz Terminating source impedance Terminating load impedance : 50 and matching network : 50 and matching network
Minimum
Typical
Maximum
Center Frequency Insertion Loss 1dB Bandwidth 3dB Bandwidth 40dB Bandwidth Amplitude Ripple (fo 6.9 MHz) Group Delay Variation (fo 6.9 MHz) Absolute Delay Ultimate Rejection Relative Attenuation Fo 7.7MHz Temperature Coefficient of Frequency
MHz dB MHz MHz MHz dB nsec usec dB
14.1 50
120.0 25.7 14.24 14.44 15.36 0.55 55 4.72 55
28.5 15.5 1.0 100 -
dB ppm/C
30 -
45 -18
-
Notes : 1) 2) 3) All specifications are based on the matching schematic shown below All specifications are measured by Agilent Network analyzer and full 2 port calibration at room temperature All attenuation measurements are measured relative to insertion loss
I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809
Part No. Rev. Date Rev.
251406B 2008-01-04 NM7062-CS01 2/5
SAW Bandpass Filter 251406B
4. Matching Schematic
( Actual matching values may vary due to PCB layout and parasitics )
Input 50
L1
L4
Output 50
L2
L3
L1 = 56nH, L2 = 56nH nH, L3 = 56nH, L4 = 56nH
5. Marking Configuration
ITF1) 08A0012) 251406B3) 1204) -14.2M5)
1) Manufacturer name 2) Lot Number 3) Part Number 4) Center Frequecy 5) 1dB-Bandwidth
I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809
Part No. Rev. Date Rev.
251406B 2008-01-04 NM7062-CS01 3/5
SAW Bandpass Filter 251406B
6. Typical Performance ( at +25C )
2 Jan 2008 18:21:51 1: 0. 0000 dB 0. 000 000 MHz
CH1 S21 &M LOG
10 dB/
REF -25.9 dB
* CH1 Markers 1 Cor 2 BW 15. 365097 MHz : cent : 120. 033998 MHz Q 7. 8121 : 1_loss : -25 . 915 dB REF=1
Hld
3
4
CENTER 120. 000 000 MHz
SPAN 40. 000 000 MHz
CH1 S21 &M LOG CH2 S21 DEL
1 dB/ 100 ns/
REF -25.47 dB REF 4.68 us
2 Jan 2008 18:24:17 1: 0. 0000 dB 0. 000 000 MHz 3: -697 . 58 ps 13. 800 000 MHz
CH1 Markers BW 14. 448861 MHz : Cor cent : 120. 031911 MHz Q 8. 3074 : 1 2 1_loss : -25 . 744 dB
REF=1
3 Smo Cor 3 CH2 Markers mean: 4. 7222 us s. dev : 9. 5924 ns p-p : 55. 650 ns 2 4
REF=2
CENTER 120. 000 000 MHz
SPAN 17. 000 000 MHz
I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809
Part No. Rev. Date Rev.
251406B 2008-01-04 NM7062-CS01 4/5
SAW Bandpass Filter 251406B
CH1 S21 &M LOG CH2 S21 LOG
1 dB/ 1 dB/
REF -25.47 dB REF -26.06 dB
2 Jan 2008 18:23:27 1: 0. 0000 dB 0. 000 000 MHz 3: . 01430 dB 13. 800 000 MHz
CH1 S21 &M LOG
10 dB/
REF -25.9 dB
2 Jan 2008 18:22:27 1: 0. 0000 dB 0. 000 000 MHz
* CH1 Markers BW 14. 242381 MHz : Cor cent : 120. 030182 MHz Q: 8. 4277 1 2 Hld 3 3 2 Cor CH2 Markers mean:-25 . 813 dB s. dev : . 10620 dB p-p : . 55760 dB 2 REF=2 4 1_loss : -25 . 769 dB Cor REF=1 1 CH1 Markers 2:-49 . 769 dB -7 . 70000 MHz 3:-37 . 567 dB 7. 70000 MHz REF=1
3
CENTER 120. 000 000 MHz
SPAN 17. 000 000 MHz
CENTER 120. 000 000 MHz
SPAN 40. 000 000 MHz
CH1 S21
LOG
10 dB/
REF -25.53 dB
2 Jan 2008 18:27:06 1: 0. 0000 dB 0. 000 000 MHz
CH1 S11 CH2 S22
SWR SWR
2/ 2/
REF 2.225 REF 2.283
2 Jan 2008 18:26:12 1: 2. 2260 120. 000 000 MHz 2: 2. 2856 120. 000 000 MHz
CH1 Markers 2:-58 . 462 dB 120. 000 MHz 1 3:-62 . 727 dB 240. 000 MHz
REF=1 Cor
1
Cor
2
2 3 START . 010 000 MHz STOP 400 . 000 000 MHz CENTER 120 . 000 000 MHz SPAN 40. 000 000 MHz
I T F Co., Ltd. 102-901, Bucheon Technopark 364, Samjeong-Dong, Ojeong-Gu, Bucheon-City, Gyounggi-Do, Korea 421-809
Part No. Rev. Date Rev.
251406B 2008-01-04 NM7062-CS01 5/5


▲Up To Search▲   

 
Price & Availability of 251406B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X